Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 55 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 55 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 59Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 437 page
background image
Power and clock management
USB supply
LDO
VBUS
DECUSB
3.3 V USB power
5 V USB
supply
Figure 19: USB voltage regulator
To ensure stability, the input and output of the USB regulator need to be decoupled with a suitable
decoupling capacitor. See Reference circuitry on page 418 for the recommended values.
5.3.3 System OFF mode
System OFF is the deepest power saving mode the system can enter. In this mode, the system’s core
functionality is powered down and all ongoing tasks are terminated.
The device can be put into System OFF mode using the register SYSTEMOFF on page 64. When in
System OFF mode, the device can be woken up through one of the following signals:
• The DETECT signal, optionally generated by the GPIO peripheral.
• The ANADETECT signal, optionally generated by the LPCOMP module.
• Detecting a valid USB voltage on the VBUS pin (VBUS,DETECT).
• A reset.
The system is reset when it wakes up from System OFF mode.
One or more RAM sections can be retained in System OFF mode, depending on the settings in the
RAM[n].POWER registers. RAM[n].POWER are retained registers. These registers are usually overwritten
by the start-up code provided with the nRF application examples.
Before entering System OFF mode, all on-going EasyDMA transactions need to have completed.
See peripheral specific chapters for more information about how to acquire the status of EasyDMA
transactions.
5.3.3.1 Emulated System OFF mode
If the device is in Debug Interface mode, System OFF will be emulated to secure that all required resources
needed for debugging are available during System OFF.
Required resources needed for debugging include the following key components:
• Debug on page 40
4463_156 v1.0
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com