Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 43 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 43 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 39Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 40Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 41Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 42Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 47Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 437 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E E E E D D D D C C C C C C C B B B B
A A A A A A A A
Reset 0x02880000
0 0 0 0 0 0 1 0 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
APID
AP identification
B
R
CLASS
Access port (AP) class
NotDefined
0x0
No defined class
MEMAP
0x8
Memory access port
C
R
JEP106ID
JEDEC JEP106 identity code
D
R
JEP106CONT
JEDEC JEP106 continuation code
E
R
REVISION
Revision
4.8.2.2 Electrical specification
4.8.2.2.1 Control access port
Symbol
Description
Min.
Typ.
Max.
Units
Rpull
Internal SWDIO and SWDCLK pull up/down resistance
13
kΩ
fSWDCLK
SWDCLK frequency
0.125
8
MHz
4.8.3 Debug interface mode
Before an external debugger can access either CPU's access port (AHB-AP) or the control access port
(CTRL-AP), the debugger must first request the device to power up via CxxxPWRUPREQ in the SWJ-DP.
If the device is in System OFF when power is requested via CxxxPWRUPREQ, the system will wake up and
the DIF flag in RESETREAS on page 62 will be set. The device is in the debug interface mode as long
as the debugger is requesting power via CxxxPWRUPREQ. Once the debugger stops requesting power
via CxxxPWRUPREQ, the device is back in normal mode. Some peripherals behave differently in Debug
Interface mode compared to normal mode. These differences are described in more detail in the chapters
of the peripherals that are affected.
When a debug session is over, the external debugger must make sure to put the device back into normal
mode since the overall power consumption is higher in debug interface mode than in normal mode.
For details on how to use the debug capabilities, read the debug documentation of your IDE.
4.8.4 Real-time debug
The nRF52820 supports real-time debugging.
Real-time debugging allows interrupts to execute to completion in real time when breakpoints are set
in thread mode or lower priority interrupts. This enables developers to set breakpoints and single-step
through the code without the risk of real-time event-driven threads running at higher priority failing.
For example, this enables the device to continue to service the high-priority interrupts of an external
controller or sensor without failure or loss of state synchronization while the developer steps through
code in a low-priority thread.
4463_156 v1.0
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com