Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 61 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 61 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 65Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 437 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_USBREMOVED
Voltage supply removed from VBUS
NotGenerated
0
Event not generated
Generated
1
Event generated
5.3.7.8 EVENTS_USBPWRRDY
Address offset: 0x124
USB 3.3 V supply ready
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_USBPWRRDY
USB 3.3 V supply ready
NotGenerated
0
Event not generated
Generated
1
Event generated
5.3.7.9 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
F E D C B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW POFWARN
Write '1' to enable interrupt for event POFWARN
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW SLEEPENTER
Write '1' to enable interrupt for event SLEEPENTER
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW SLEEPEXIT
Write '1' to enable interrupt for event SLEEPEXIT
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
D
RW USBDETECTED
Write '1' to enable interrupt for event USBDETECTED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
E
RW USBREMOVED
Write '1' to enable interrupt for event USBREMOVED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
F
RW USBPWRRDY
Write '1' to enable interrupt for event USBPWRRDY
Set
1
Enable
Disabled
0
Read: Disabled
4463_156 v1.0
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com