Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 84 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 84 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 80Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 81Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 82Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 88Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 437 page
background image
Power and clock management
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_LFRC
Nominal frequency
32.768
kHz
fTOL_LFRC
Frequency tolerance, uncalibrated
±5
%
fTOL_CAL_LFRC
Frequency tolerance after calibration10
±500
ppm
ILFRC
Run current
0.7
µA
tSTART_LFRC
Startup time
1000
μs
5.4.4.5 Synthesized low frequency clock (LFSYNT)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_LFSYNT
Nominal frequency
32.768
kHz
10 Constant temperature within ±0.5 °C, calibration performed at least every 8 seconds, averaging
interval > 7.5 ms, defined as 3 sigma
4463_156 v1.0
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com