Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 21 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 21 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 25Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 437 page
background image
Core components
4.3.9 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4001E000
NVMC
NVMC
Non-volatile memory controller
Table 6: Instances
Register
Offset
Description
READY
0x400
Ready flag
READYNEXT
0x408
Ready flag
CONFIG
0x504
Configuration register
ERASEPAGE
0x508
Register for erasing a page in code area
ERASEPCR1
0x508
Register for erasing a page in code area, equivalent to ERASEPAGE
Deprecated
ERASEALL
0x50C
Register for erasing all non-volatile user memory
ERASEPCR0
0x510
Register for erasing a page in code area, equivalent to ERASEPAGE
Deprecated
ERASEUICR
0x514
Register for erasing user information configuration registers
ERASEPAGEPARTIAL
0x518
Register for partial erase of a page in code area
ERASEPAGEPARTIALCFG
0x51C
Register for partial erase configuration
Table 7: Register overview
4.3.9.1 READY
Address offset: 0x400
Ready flag
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
Access
Field
Value ID
Value
Description
A
R
READY
NVMC is ready or busy
Busy
0
NVMC is busy (on-going write or erase operation)
Ready
1
NVMC is ready
4.3.9.2 READYNEXT
Address offset: 0x408
Ready flag
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
Access
Field
Value ID
Value
Description
A
R
READYNEXT
NVMC can accept a new write operation
Busy
0
NVMC cannot accept any write operation
Ready
1
NVMC is ready
4.3.9.3 CONFIG
Address offset: 0x504
Configuration register
4463_156 v1.0
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com