Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 23 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 23 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 26Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 27Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 437 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W ERASEALL
Erase all non-volatile memory including UICR registers. The
erase must be enabled using CONFIG.WEN before the non-
volatile memory can be erased.
NoOperation
0
No operation
Erase
1
Start chip erase
4.3.9.7 ERASEPCR0 ( Deprecated )
Address offset: 0x510
Register for erasing a page in code area, equivalent to ERASEPAGE
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W ERASEPCR0
Register for starting erase of a page in code area, equivalent
to ERASEPAGE
4.3.9.8 ERASEUICR
Address offset: 0x514
Register for erasing user information configuration registers
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W ERASEUICR
Register starting erase of all user information configuration
registers. The erase must be enabled using CONFIG.WEN
before the UICR can be erased.
NoOperation
0
No operation
Erase
1
Start erase of UICR
4.3.9.9 ERASEPAGEPARTIAL
Address offset: 0x518
Register for partial erase of a page in code area
4463_156 v1.0
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com