Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 16 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 16 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 20Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 437 page
background image
Core components
See AHB multilayer on page 39 and EasyDMA on page 37 for more information about the AHB
multilayer interconnect and EasyDMA.
The same physical RAM is mapped to both the Data RAM region and the Code RAM region. It is up to the
application to partition the RAM within these regions so that one does not corrupt the other.
4.2.1 RAM - Random access memory
The RAM interface is divided into four RAM AHB slaves.
RAM AHB slaves 0 to 3 are connected to two 4 kB RAM sections each, as shown in Memory layout on page
15.
Each RAM section has separate power control for System ON and System OFF mode operation, which is
configured via RAM register (see the POWER — Power supply on page 49).
4.2.2 Flash - Non-volatile memory
The CPU can read from flash memory an unlimited number of times, but is restricted in how it writes to
flash and the number of writes and erases it can perform.
Writing to flash memory is managed by the non-volatile memory controller (NVMC), see NVMC — Non-
volatile memory controller on page 19.
Flash memory is divided into 64 pages of 4 kB each that can be accessed by the CPU via the ICODE and
DCODE buses as shown in Memory layout on page 15.
4.2.3 Memory map
The complete memory map for the nRF52820 is shown in the following figure. As described in Memory on
page 15, Code RAM and Data RAM are the same physical RAM.
4463_156 v1.0
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com