Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 48 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 48 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 52Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 437 page
background image
Power and clock management
12
14
16
18
20
22
24
26
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply voltage [V]
-40 ºC
25 ºC
85 ºC
105 ºC
Figure 11: Radio transmitting @ 8 dBm output power, 1 Mbps
BLE mode, Clock = HFXO, Regulator = DC/DC (typical values)
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply voltage [V]
-40 ºC
25 ºC
85 ºC
105 ºC
Figure 12: Radio transmitting @ 0 dBm output power, 1 Mbps
BLE mode, Clock = HFXO, Regulator = DC/DC (typical values)
4463_156 v1.0
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com