Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 74 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 74 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 71Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 72Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 73Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 74Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 75Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 76Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 77Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 78Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 437 page
background image
Power and clock management
For more information, see Reference circuitry on page 418.
5.4.2.5 32.768 kHz synthesized from HFCLK (LFSYNT)
LFCLK can also be synthesized from the HFCLK clock source. The accuracy of LFCLK will then be the
accuracy of the HFCLK.
Using the LFSYNT clock avoids the requirement for a 32.768 kHz crystal, but increases average power
consumption as the HFCLK will need to be requested in the system.
5.4.3 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40000000
CLOCK
CLOCK
Clock control
Table 19: Instances
Register
Offset
Description
TASKS_HFCLKSTART
0x000
Start HFXO crystal oscillator
TASKS_HFCLKSTOP
0x004
Stop HFXO crystal oscillator
TASKS_LFCLKSTART
0x008
Start LFCLK
TASKS_LFCLKSTOP
0x00C
Stop LFCLK
TASKS_CAL
0x010
Start calibration of LFRC
TASKS_CTSTART
0x014
Start calibration timer
TASKS_CTSTOP
0x018
Stop calibration timer
EVENTS_HFCLKSTARTED
0x100
HFXO crystal oscillator started
EVENTS_LFCLKSTARTED
0x104
LFCLK started
EVENTS_DONE
0x10C
Calibration of LFRC completed
EVENTS_CTTO
0x110
Calibration timer timeout
EVENTS_CTSTARTED
0x128
Calibration timer has been started and is ready to process new tasks
EVENTS_CTSTOPPED
0x12C
Calibration timer has been stopped and is ready to process new tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
HFCLKRUN
0x408
Status indicating that HFCLKSTART task has been triggered
HFCLKSTAT
0x40C
HFCLK status
LFCLKRUN
0x414
Status indicating that LFCLKSTART task has been triggered
LFCLKSTAT
0x418
LFCLK status
LFCLKSRCCOPY
0x41C
Copy of LFCLKSRC register, set when LFCLKSTART task was triggered
LFCLKSRC
0x518
Clock source for the LFCLK
HFXODEBOUNCE
0x528
HFXO debounce time. The HFXO is started by triggering the TASKS_HFCLKSTART task.
LFXODEBOUNCE
0x52C
LFXO debounce time. The LFXO is started by triggering the TASKS_LFCLKSTART task when the
LFCLKSRC register is configured for Xtal.
CTIV
0x538
Calibration timer interval
Retained
Table 20: Register overview
5.4.3.1 TASKS_HFCLKSTART
Address offset: 0x000
Start HFXO crystal oscillator
4463_156 v1.0
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com