Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 66 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 66 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 70Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 437 page
background image
Power and clock management
5.3.7.18 DCDCEN
Address offset: 0x578
Enable DC/DC converter for REG1 stage
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW DCDCEN
Enable DC/DC converter for REG1 stage.
Disabled
0
Disable
Enabled
1
Enable
5.3.7.19 MAINREGSTATUS
Address offset: 0x640
Main supply status
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
MAINREGSTATUS
Main supply status
Normal
0
Normal voltage mode. Voltage supplied on VDD.
High
1
High voltage mode. Voltage supplied on VDDH.
5.3.7.20 RAM[n].POWER (n=0..3)
Address offset: 0x900 + (n × 0x10)
RAMn power control register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A-B RW S[i]POWER (i=0..1)
Keep RAM section Si on or off in System ON mode.
RAM sections are always retained when on, but can
also be retained when off depending on the settings in
SiRETENTION. All RAM sections will be off in System OFF
mode.
Off
0
Off
On
1
On
C-D RW S[i]RETENTION (i=0..1)
Keep retention on RAM section Si when RAM section is off
Off
0
Off
On
1
On
5.3.7.21 RAM[n].POWERSET (n=0..3)
Address offset: 0x904 + (n × 0x10)
RAMn power control set register
4463_156 v1.0
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com