Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 68 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 68 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 71Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 72Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 437 page
background image
Power and clock management
5.3.8.3 Device startup times
Symbol
Description
Min.
Typ.
Max.
Units
tPOR
Time in power-on reset after supply reaches minimum
operating voltage, depending on supply rise time
tPOR,10µs
VDD rise time 10 µs9
1
10
ms
tPOR,10ms
VDD rise time 10 ms9
9
ms
tPOR,60ms
VDD rise time 60 ms9
23
110
ms
tRISE,REG0OUT
REG0 output (VDD) rise time after VDDH reaches minimum
VDDH supply voltage9
tRISE,REG0OUT,10µs
VDDH rise time 10 µs9
0.22
1.55
ms
tRISE,REG0OUT,10ms
VDDH rise time 10 ms9
5
ms
tRISE,REG0OUT,100ms
VDDH rise time 100 ms9
30
50
80
ms
tPINR
Reset time when using pin reset, depending on pin
capacitance
tPINR,500nF
500 nF capacitance at reset pin
32.5
ms
tPINR,10µF
10 µF capacitance at reset pin
650
ms
tR2ON
Time from power-on reset to System ON
tR2ON,NOTCONF
If reset pin not configured
tPOR
ms
tR2ON,CONF
If reset pin configured
tPOR +
tPINR
ms
tOFF2ON
Time from OFF to CPU execute
16.5
µs
tIDLE2CPU
Time from IDLE to CPU execute
3.0
µs
tEVTSET,CL1
Time from HW event to PPI event in Constant Latency
System ON mode
0.0625
µs
tEVTSET,CL0
Time from HW event to PPI event in Low Power System ON
mode
0.0625
µs
5.3.8.4 Power fail comparator
Symbol
Description
Min.
Typ.
Max.
Units
VPOF,NV
Nominal power level warning thresholds (falling supply
voltage) in Normal voltage mode (supply on VDD). Levels are
configurable between Min. and Max. in 100 mV increments
1.7
2.8
V
VPOF,HV
Nominal power level warning thresholds (falling supply
voltage) in High voltage mode (supply on VDDH). Levels are
configurable in 100 mV increments
2.7
4.2
V
VPOFTOL
Threshold voltage tolerance (applies in both Normal voltage
mode and High voltage mode)
-5
5
%
VPOFHYST
Threshold voltage hysteresis (applies in both Normal voltage
mode and High voltage mode)
40
50
60
mV
VBOR,OFF
Brownout reset voltage range System OFF mode. Brownout
only applies to the voltage on VDD
1.2
1.62
V
VBOR,ON
Brownout reset voltage range System ON mode. Brownout
only applies to the voltage on VDD
1.57
1.6
1.63
V
9 See Recommended operating conditions on page 430 for more information.
4463_156 v1.0
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com