Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 94 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 94 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 90Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 91Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 94Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 95Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 96Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 97Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 98Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 437 page
background image
Peripherals
Flash memory regions can be assigned individual ACL permission schemes. The following registers are
involved:
• PERM register, where the permissions are configured.
• ADDR register, where the word-aligned start address for the flash page is defined.
• SIZE register, where the size of the region the permissions are applied to is determined.
Note: The size of the region in bytes is restricted to a multiple of the flash page size, and the
maximum region size is limited to half the flash size. See Memory on page 15 for more information.
...
Page 0
Page 1
Page 2
...
Page N+1
Page N
On-chip flash memory
0
ACL[0].ADDR
l
31
0
ACL[7].ADDR
l
31
0
ACL[0].SIZE
l
31
Page 3
1 1
0
ACL[0].PERM
l
31
1 1
Read/
Write
protect
0
ACL[7].PERM
l
31
0 1
Write
protect
0
0
0
0
0
0
0
ACL[7].SIZE
l
31
0
0
0
0
0
0
0
1 0 0 0 0 0
0
0
0
0 0 0 0
0 0
0
0
Figure 28: Protected regions of on-chip flash memory
There are four defined ACL permission schemes, with different combinations of read/write permissions:
Read
Write
Protection description
0
0
No protection. Entire region can be executed, read, written or erased.
0
1
Region can be executed and read, but not written or erased.
1
0
Region can be written and erased, but not executed or read.
1
1
Region is locked for all access until next reset.
Table 24: Permission schemes
Note: If a permission violation to a protected region is detected by the ACL peripheral, the request
is blocked and a Bus Fault exception is triggered.
4463_156 v1.0
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com