Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 45 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 45 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 41Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 42Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 49Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 437 page
background image
Power and clock management
Condition
Value
Supply
3 V on VDD/VDDH (Normal voltage mode)
Temperature
25°C
CPU
WFI (wait for interrupt)/WFE (wait for event) sleep
Peripherals
All idle
Clock
Not running
Regulator
LDO
RAM
In System ON, full 32 kB powered. In System OFF, full 32 kB retention.
Compiler
GCC v7.3.1 20180622 (release) [ARM/embedded-7-branch revision 261907]
(GNU Tools for Arm Embedded Processors 7-2018-q3-update).
• Compiler flags:
-O0 -falign-functions=16 -fno-strict-
aliasing -mthumb -mcpu=cortex-m4 -mfloat-abi=hard
-mfpu=fpv4-sp-d16.
Compiler for CPU
Running and
Compounded
ARMCC v6.13.
• Compiler flags:
-xc -std=gnu99 --target=arm-arm-none-
eabi -mcpu=cortex-m4 -mfpu=none -mfloat-abi=soft
-c -fno-rtti -funsigned-char -gdwarf-3 -fropi -
Ofast -ffunction-sections -Omax
• Linker flags:
--cpu=Cortex-M4 --fpu=SoftVFP --strict -
Omax
32 MHz crystal2
SMD 2520, 32 MHz, 10 pF +/- 10 ppm
Table 14: Current consumption scenarios, common conditions
5.2.1 Electrical specification
5.2.1.1 Sleep
Symbol
Description
Min.
Typ.
Max.
Units
ION_RAMOFF_EVENT
System ON, no RAM retention, wake on any event
0.4
µA
ION_RAMON_EVENT
System ON, full 32 kB RAM retention, wake on any event
0.6
µA
ION_RAMON_POF
System ON, full 32 kB RAM retention, wake on any event,
power-fail comparator enabled
0.8
µA
ION_RAMON_GPIOTE
System ON, full 32 kB RAM retention, wake on GPIOTE input
(event mode)
2.5
µA
ION_RAMON_GPIOTEPORTSystem ON, full 32 kB RAM retention, wake on GPIOTE PORT
event
0.6
µA
ION_RAMOFF_RTC
System ON, no RAM retention, wake on RTC (running from
LFRC clock)
1.2
µA
ION_RAMON_RTC
System ON, full 32 kB RAM retention, wake on RTC (running
from LFRC clock)
1.4
µA
IOFF_RAMOFF_RESET
System OFF, no RAM retention, wake on reset
0.3
µA
IOFF_RAMON_RESET
System OFF, full 32 kB RAM retention, wake on reset
0.5
µA
2 Applies only when HFXO is running
4463_156 v1.0
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com