Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 82 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 82 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 78Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 79Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 80Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 81Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 82Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 86Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 437 page
background image
Power and clock management
LFXO debounce time. The LFXO is started by triggering the TASKS_LFCLKSTART task when the LFCLKSRC
register is configured for Xtal.
The EVENTS_LFCLKSTARTED event is generated after the LFXO debounce time has elapsed. It is not
allowed to change the value of this register while the LFXO is starting.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW LFXODEBOUNCE
LFXO debounce time.
Normal
0
8192 32.768 kHz periods, or 0.25 s. Recommended for
normal Operating Temperature conditions.
Extended
1
16384 32.768 kHz periods, or 0.5 s. Recommended for
Extended Operating Temperature conditions.
5.4.3.24 CTIV ( Retained )
Address offset: 0x538
This register is a retained register
Calibration timer interval
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CTIV
Calibration timer interval in multiple of 0.25 seconds.
Range: 0.25 seconds to 31.75 seconds.
5.4.4 Electrical specification
5.4.4.1 64 MHz internal oscillator (HFINT)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_HFINT
Nominal output frequency
64
MHz
fTOL_HFINT
Frequency tolerance
±1.5
±8
%
fTOL_HFINT,EXT
Frequency tolerance, extended temperature range
±9
%
5.4.4.2 64 MHz crystal oscillator (HFXO)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_HFXO
Nominal output frequency
64
MHz
fXTAL_HFXO
External crystal frequency
32
MHz
fTOL_HFXO
Frequency tolerance requirement for 2.4 GHz proprietary
radio applications
±60
ppm
fTOL_HFXO_BLE
Frequency tolerance requirement, Bluetooth low energy
applications, packet length ≤ 200 bytes
±40
ppm
fTOL_HFXO_BLE_LP
Frequency tolerance requirement, Bluetooth low energy
applications, packet length > 200 bytes
±30
ppm
CL_HFXO
Load capacitance
12
pF
4463_156 v1.0
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com