Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 47 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 47 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 51Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 437 page
background image
Power and clock management
5.2.1.2 COMP active
Symbol
Description
Min.
Typ.
Max.
Units
ICOMP,LP
COMP enabled, low power mode
21.4
µA
ICOMP,NORM
COMP enabled, normal mode
25.3
µA
ICOMP,HS
COMP enabled, high-speed mode
33.0
µA
5.2.1.3 CPU running
Symbol
Description
Min.
Typ.
Max.
Units
ICPU0
CPU running CoreMark @64 MHz from flash, Clock = HFXO,
Regulator = DC/DC
2.1
mA
ICPU1
CPU running CoreMark @64 MHz from flash, Clock = HFXO
3.9
mA
ICPU2
CPU running CoreMark @64 MHz from RAM, Clock = HFXO,
Regulator = DC/DC
2.1
mA
ICPU3
CPU running CoreMark @64 MHz from RAM, Clock = HFXO
3.8
mA
ICPU4
CPU running CoreMark @64 MHz from flash, Clock = HFINT,
Regulator = DC/DC
1.9
mA
5.2.1.4 Radio transmitting/receiving
Symbol
Description
Min.
Typ.
Max.
Units
IRADIO_TX0
Radio transmitting @ 8 dBm output power, 1 Mbps
Bluetooth
® Low Energy (BLE) mode, Clock = HFXO, Regulator
= DC/DC
15.0
mA
IRADIO_TX1
Radio transmitting @ 0 dBm output power, 1 Mbps BLE
mode, Clock = HFXO, Regulator = DC/DC
5.9
mA
IRADIO_TX2
Radio transmitting @ -40 dBm output power, 1 Mbps BLE
mode, Clock = HFXO, Regulator = DC/DC
3.4
mA
IRADIO_TX3
Radio transmitting @ 0 dBm output power, 1 Mbps BLE
mode, Clock = HFXO
10.9
mA
IRADIO_TX4
Radio transmitting @ -40 dBm output power, 1 Mbps BLE
mode, Clock = HFXO
5.2
mA
IRADIO_TX5
Radio transmitting @ 0 dBm output power, 250 kbit/s IEE
802.15.4-2006 mode, Clock = HFXO, Regulator = DC/DC
5.9
mA
IRADIO_RX0
Radio receiving @ 1 Mbps BLE mode, Clock = HFXO,
Regulator = DC/DC
5.8
mA
IRADIO_RX1
Radio receiving @ 1 Mbps BLE mode, Clock = HFXO
10.5
mA
IRADIO_RX2
Radio receiving @ 250 kbit/s IEE 802.15.4-2006 mode, Clock
= HFXO, Regulator = DC/DC
6.0
mA
4463_156 v1.0
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com