Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 25 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 25 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 26Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 27Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 28Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 29Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 437 page
background image
Core components
4.4.1 Registers
Base address
Peripheral
Instance
Description
Configuration
0x10000000
FICR
FICR
Factory information configuration
Table 8: Instances
Register
Offset
Description
CODEPAGESIZE
0x010
Code memory page size
CODESIZE
0x014
Code memory size
DEVICEID[0]
0x060
Device identifier
DEVICEID[1]
0x064
Device identifier
ER[0]
0x080
Encryption root, word 0
ER[1]
0x084
Encryption root, word 1
ER[2]
0x088
Encryption root, word 2
ER[3]
0x08C
Encryption root, word 3
IR[0]
0x090
Identity Root, word 0
IR[1]
0x094
Identity Root, word 1
IR[2]
0x098
Identity Root, word 2
IR[3]
0x09C
Identity Root, word 3
DEVICEADDRTYPE
0x0A0
Device address type
DEVICEADDR[0]
0x0A4
Device address 0
DEVICEADDR[1]
0x0A8
Device address 1
INFO.PART
0x100
Part code
INFO.VARIANT
0x104
Build code (hardware version and production configuration)
INFO.PACKAGE
0x108
Package option
INFO.RAM
0x10C
RAM variant
INFO.FLASH
0x110
Flash variant
INFO.UNUSED8[0]
0x114
Reserved
INFO.UNUSED8[1]
0x118
Reserved
INFO.UNUSED8[2]
0x11C
Reserved
PRODTEST[0]
0x350
Production test signature 0
PRODTEST[1]
0x354
Production test signature 1
PRODTEST[2]
0x358
Production test signature 2
TEMP.A0
0x404
Slope definition A0
TEMP.A1
0x408
Slope definition A1
TEMP.A2
0x40C
Slope definition A2
TEMP.A3
0x410
Slope definition A3
TEMP.A4
0x414
Slope definition A4
TEMP.A5
0x418
Slope definition A5
TEMP.B0
0x41C
Y-intercept B0
TEMP.B1
0x420
Y-intercept B1
TEMP.B2
0x424
Y-intercept B2
TEMP.B3
0x428
Y-intercept B3
TEMP.B4
0x42C
Y-intercept B4
TEMP.B5
0x430
Y-intercept B5
TEMP.T0
0x434
Segment end T0
TEMP.T1
0x438
Segment end T1
TEMP.T2
0x43C
Segment end T2
TEMP.T3
0x440
Segment end T3
TEMP.T4
0x444
Segment end T4
Table 9: Register overview
4463_156 v1.0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com