Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 50 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 50 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 54Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 437 page
background image
Power and clock management
• Separate USB supply
5.3.1 Main supply
The main supply voltage is connected to the VDD/VDDH pins. The system will enter one of two supply
voltage modes, Normal or High Voltage mode, depending on how the supply voltage is connected to these
pins.
The system enters Normal Voltage mode when the supply voltage is connected to both the VDD and VDDH
pins (pin VDD shorted to pin VDDH). For the supply voltage range to connect to both VDD and VDDH pins,
see parameter VDD.
The system enters High Voltage mode when the supply voltage is only connected to the VDDH pin and the
VDD pin is not connected to any voltage supply. For the supply voltage range to connect to the VDDH pin,
see parameter VDDH.
The register MAINREGSTATUS on page 66 can be used to read the current supply voltage mode.
5.3.1.1 Main voltage regulators
The system contains two main supply regulator stages, REG0 and REG1.
REG1 regulator stage has the regulator type options of Low-droput regulator (LDO) and Buck regulator
(DC/DC). REG0 regulator stage has only the option of Low-dropout regulator (LDO).
In Normal Voltage mode, only the REG1 regulator stage is used, and the REG0 stage is automatically
disabled. In High Voltage mode, both regulator stages (REG0 and REG1) are used. The output voltage of
REG0 can be configured in register REGOUT0 on page 36. This output voltage is connected to VDD and is
the input voltage to REG1.
Note: In High Voltage mode, the configured output voltage for REG0 (REGOUT0 on page 36) must
not be greater than REG0 input voltage minus the voltage drop in REG0 (VDDH - VREG0,DROP).
By default, the LDO regulators are enabled and the DC/DC regulator of REG1 stage is disabled. Register
DCDCEN on page 66 is used to enable the DC/DC regulator for REG1 stage.
When the REG1 DC/DC converter is enabled, the LDO for the REG1 stage will be disabled. External LC
filters must be connected for the DC/DC regulator if it is being used. The advantage of using the DC/DC
regulator is that the overall power consumption is normally reduced as the efficiency of such a regulator
is higher than that of a LDO. The efficiency gained by using the DC/DC regulator is best seen when the
regulator voltage drop (difference between input and output voltage) is high. The efficiency of internal
regulators vary with the supply voltage and the current drawn from the regulators.
Note: Do not enable the DC/DC regulator without an external LC filter being connected as this will
inhibit device operation, including debug access, until an LC filter is connected.
5.3.1.2 GPIO levels
The GPIO high reference voltage is equal to the level on the VDD pin.
In Normal Voltage mode, the GPIO high level equals the voltage supplied to the VDD pin. In High Voltage
mode, it equals the level specified in register REGOUT0 on page 36.
5.3.1.3 Regulator configuration examples
The voltage regulators can be configured in several ways, depending on the selected supply voltage mode
(Normal/High) and the regulator type option for REG1 (LDO or DC/DC).
Four configuration examples are illustrated in the following figures.
4463_156 v1.0
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com