Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 33 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 33 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 29Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 31Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 36Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 37Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 437 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
R
T
T (segment end) register
4.4.1.30 TEMP.T4
Address offset: 0x444
Segment end T4
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
R
T
T (segment end) register
4.5 UICR — User information configuration registers
The user information configuration registers (UICRs) are non-volatile memory (NVM) registers for
configuring user-specific settings.
For information on writing UICR registers, see the NVMC — Non-volatile memory controller on page
19 and Memory on page 15 chapters.
4.5.1 Registers
Base address
Peripheral
Instance
Description
Configuration
0x10001000
UICR
UICR
User information configuration
Table 10: Instances
Register
Offset
Description
UNUSED0
0x000
Reserved
UNUSED1
0x004
Reserved
UNUSED2
0x008
Reserved
UNUSED3
0x010
Reserved
NRFFW[0]
0x014
Reserved for Nordic firmware design
NRFFW[1]
0x018
Reserved for Nordic firmware design
NRFFW[2]
0x01C
Reserved for Nordic firmware design
NRFFW[3]
0x020
Reserved for Nordic firmware design
NRFFW[4]
0x024
Reserved for Nordic firmware design
NRFFW[5]
0x028
Reserved for Nordic firmware design
NRFFW[6]
0x02C
Reserved for Nordic firmware design
NRFFW[7]
0x030
Reserved for Nordic firmware design
NRFFW[8]
0x034
Reserved for Nordic firmware design
NRFFW[9]
0x038
Reserved for Nordic firmware design
NRFFW[10]
0x03C
Reserved for Nordic firmware design
NRFFW[11]
0x040
Reserved for Nordic firmware design
NRFFW[12]
0x044
Reserved for Nordic firmware design
NRFHW[0]
0x050
Reserved for Nordic hardware design
4463_156 v1.0
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com