Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 96 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 96 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 94Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 95Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 96Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 97Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 98Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 99Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 100Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 437 page
background image
Peripherals
Register
Offset
Description
ACL[7].UNUSED0
0x87C
Reserved
Table 26: Register overview
6.3.1.1 ACL[n].ADDR (n=0..7)
Address offset: 0x800 + (n × 0x10)
Start address of region to protect. The start address must be word-aligned.
This register can only be written once.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW1 ADDR
Start address of flash region n. The start address must point
to a flash page boundary.
6.3.1.2 ACL[n].SIZE (n=0..7)
Address offset: 0x804 + (n × 0x10)
Size of region to protect counting from address ACL[n].ADDR. Write '0' as no effect.
This register can only be written once.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW1 SIZE
Size of flash region n in bytes. Must be a multiple of the
flash page size.
6.3.1.3 ACL[n].PERM (n=0..7)
Address offset: 0x808 + (n × 0x10)
Access permissions for region n as defined by start address ACL[n].ADDR and size ACL[n].SIZE
This register can only be written once.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
B
RW1 WRITE
Configure write and erase permissions for region n. Write '0'
has no effect.
Enable
0
Allow write and erase instructions to region n
Disable
1
Block write and erase instructions to region n
C
RW1 READ
Configure read permissions for region n. Write '0' has no
effect.
Enable
0
Allow read instructions to region n
Disable
1
Block read instructions to region n
4463_156 v1.0
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com