Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 15 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 15 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 19Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 437 page
background image
Core components
4.1.2 Electrical specification
4.1.2.1 CPU performance
The CPU clock speed is 64 MHz. Current and efficiency data is taken when in System ON and the CPU is
executing the CoreMark® benchmark. It includes power regulator and clock base currents. All other blocks
are IDLE.
Symbol
Description
Min.
Typ.
Max.
Units
WFLASH
CPU wait states, running CoreMark from flash
2
WRAM
CPU wait states, running CoreMark from RAM
0
CMFLASH
CoreMark, running CoreMark from flash
144
CoreMark
CMFLASH/MHz
CoreMark per MHz, running CoreMark from flash
2.3
CoreMark/
MHz
CMFLASH/mA
CoreMark per mA, running CoreMark from flash, DCDC 3V
68.6
CoreMark/
mA
4.2 Memory
The nRF52820 contains 256 kB of flash memory and 32 kB of RAM that can be used for code and data
storage.
The CPU and peripherals with EasyDMA can access memory via the AHB multilayer interconnect. In
additon, peripherals are accessed by the CPU via the AHB multilayer interconnect, as shown in the
following figure.
RAM3
AHB slave
RAM2
AHB slave
RAM1
AHB slave
RAM0
AHB slave
AHB multilayer interconnect
Page 0
Page 1
Page 2
Page 3..62
Page 63
0x0000 0000
0x0000 2000
0x0000 3000
0x0003 F000
Flash
ICODE/DCODE
ICODE
DCODE
Peripheral
EasyDMA
Peripheral
EasyDMA
CPU
ARM Cortex-M4
AHB2APB
AHB
APB
0x0000 1000
0x2000 0000
0x2000 1000
0x2000 2000
0x2000 3000
0x2000 4000
0x2000 5000
0x2000 6000
0x2000 7000
Section 0
Section 1
Section 0
Section 1
Section 0
Section 1
Section 0
Section 1
Data RAM
System
0x0080 0000
0x0080 1000
0x0080 2000
0x0080 3000
0x0080 4000
0x0080 5000
0x0080 6000
0x0080 7000
Code RAM
ICODE / DCODE
Figure 2: Memory layout
4463_156 v1.0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com