Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 58 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 58 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 62Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 437 page
background image
Power and clock management
5.3.6.7 Retained registers
A retained register is one that will retain its value in System OFF mode and through a reset, depending
on the reset source. See the individual peripheral chapters for information on which of their registers are
retained.
5.3.6.8 Reset behavior
The various reset sources and their targets are summarized in the table below.
Reset target
Reset source
CPU
Peripherals GPIO
Debug4
SWJ-DP
RAM
WDT
Retained
registers
RESETREAS
CPU lockup 5
x
x
x
Soft reset
x
x
x
Wakeup from System OFF
mode reset
x
x
x 6
x 7
x
Watchdog reset 8
x
x
x
x
x
x
x
Pin reset
x
x
x
x
x
x
x
Brownout reset
x
x
x
x
x
x
x
x
x
Power-on reset
x
x
x
x
x
x
x
x
x
Note: The RAM is never reset, but depending on a reset source the content of RAM may be
corrupted.
5.3.7 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40000000
POWER
POWER
Power control
Table 16: Instances
Register
Offset
Description
TASKS_CONSTLAT
0x78
Enable Constant Latency mode
TASKS_LOWPWR
0x7C
Enable Low-power mode (variable latency)
EVENTS_POFWARN
0x108
Power failure warning
EVENTS_SLEEPENTER
0x114
CPU entered WFI/WFE sleep
EVENTS_SLEEPEXIT
0x118
CPU exited WFI/WFE sleep
EVENTS_USBDETECTED
0x11C
Voltage supply detected on VBUS
EVENTS_USBREMOVED
0x120
Voltage supply removed from VBUS
EVENTS_USBPWRRDY
0x124
USB 3.3 V supply ready
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
4 All debug components excluding SWJ-DP. See Debug on page 40 for more information about the
different debug components.
5 Reset from CPU lockup is disabled if the device is in Debug Interface mode. CPU lockup is not
possible in System OFF.
6 The debug components will not be reset if the device is in Debug Interface mode.
7 RAM is not reset on wakeup from System OFF mode. RAM, or certain parts of RAM, may not be
retained after the device has entered System OFF mode, depending on the settings in the RAM
registers.
8 Watchdog reset is not available in System OFF.
4463_156 v1.0
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com