Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 49 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 49 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 437 page
background image
Power and clock management
5.2.1.5 RNG active
Symbol
Description
Min.
Typ.
Max.
Units
IRNG0
RNG running
471
µA
5.2.1.6 TEMP active
Symbol
Description
Min.
Typ.
Max.
Units
ITEMP0
TEMP started
0.62
mA
5.2.1.7 TIMER running
Symbol
Description
Min.
Typ.
Max.
Units
ITIMER0
One TIMER instance running @ 1 MHz, Clock = HFINT
326
µA
ITIMER1
Two TIMER instances running @ 1 MHz, Clock = HFINT
327
µA
ITIMER2
One TIMER instance running @ 1 MHz, Clock = HFXO
511
µA
ITIMER3
One TIMER instance running @ 16 MHz, Clock = HFINT
426
µA
ITIMER4
One TIMER instance running @ 16 MHz, Clock = HFXO
612
µA
5.2.1.8 WDT active
Symbol
Description
Min.
Typ.
Max.
Units
IWDT,STARTED
WDT started
1.4
µA
5.2.1.9 Compounded
Symbol
Description
Min.
Typ.
Max.
Units
IS0
CPU running CoreMark from flash, Radio transmitting @ 0
dBm output power, 1 Mbps Bluetooth
® Low Energy (BLE)
mode, Clock = HFXO, Regulator = DC/DC
7.3
mA
IS1
CPU running CoreMark from flash, Radio receiving @ 1
Mbps BLE mode, Clock = HFXO, Regulator = DC/DC
7.2
mA
IS2
CPU running CoreMark from flash, Radio transmitting @ 0
dBm output power, 1 Mbps BLE mode, Clock = HFXO
14.1
mA
IS3
CPU running CoreMark from flash, Radio receiving @ 1
Mbps BLE mode, Clock = HFXO
13.7
mA
5.3 POWER — Power supply
The power supply consists of a number of LDO and DC/DC regulators that are utilized to maximize the
system's power efficiency.
This device has the following power supply features:
• On-chip LDO and DC/DC regulators
• Global System ON/OFF modes
• Individual RAM section power control for all system modes
• Analog or digital pin wakeup from System OFF
• Supervisor hardware to manage power-on reset, brownout, and power failure
• Auto-controlled refresh modes for LDO and DC/DC regulators to maximize efficiency
4463_156 v1.0
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com