Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 19 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 19 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 23Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 437 page
background image
Core components
ID
Base address
Peripheral
Instance
Description
39
0x40027000
USBD
USBD
Universal serial bus device
N/A
0x10000000
FICR
FICR
Factory information configuration
N/A
0x10001000
UICR
UICR
User information configuration
Table 4: Instantiation table
4.3 NVMC — Non-volatile memory controller
The non-volatile memory controller (NVMC) is used for writing and erasing of the internal flash memory
and the UICR (user information configuration registers).
The CONFIG on page 21 is used to enable the NVMC for writing (CONFIG.WEN = Wen) and erasing
(CONFIG.WEN = Een).
The CPU must be halted before initiating a NVMC operation from the debug system.
4.3.1 Writing to flash
When write is enabled, full 32-bit words can be written to word-aligned addresses in flash memory.
As illustrated in Memory on page 15, the flash is divided into multiple pages. The same 32-bit word in
flash memory can only be written n WRITE number of times before a page erase must be performed.
The NVMC is only able to write
0 to bits in flash memory that are erased (set to 1). It cannot rewrite a bit
back to
1. Only full 32-bit words can be written to flash memory using the NVMC interface. To write less
than 32 bits, write the data as a full 32-bit word and set all the bits that should remain unchanged in the
word to
1. The restriction on the number of writes (nWRITE) still applies in this case.
Only word-aligned writes are allowed. Byte or half-word-aligned writes will result in a hard fault.
The time it takes to write a word to flash is specified by tWRITE. The CPU is halted if the CPU executes code
from the flash while the NVMC is writing to the flash.
NVM writing time can be reduced by using READYNEXT. If this status bit is set to
1, code can perform
the next data write to the flash. This write will be buffered and will be taken into account as soon as the
ongoing write operation is completed.
4.3.2 Erasing a page in flash
When erase is enabled, the flash memory can be erased page by page using the ERASEPAGE on page
22.
After erasing a flash page, all bits in the page are set to
1. The time it takes to erase a page is specified
by tERASEPAGE. The CPU is halted if the CPU executes code from the flash while the NVMC is writing to the
flash.
See Partial erase of a page in flash on page 20 for information on dividing the page erase time into
shorter chunks.
4.3.3 Writing to user information configuration registers (UICR)
User information configuration registers (UICR) are written in the same way as flash. After UICR has been
written, the new UICR configuration will only take effect after a reset.
UICR can only be written nWRITE number of times before an erase must be performed using ERASEUICR on
page 23 or ERASEALL on page 22. The time it takes to write a word to UICR is specified by tWRITE.
The CPU is halted if the CPU executes code from the flash while the NVMC is writing to the UICR.
4463_156 v1.0
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com