Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 83 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 83 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 79Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 80Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 81Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 82Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 87Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 437 page
background image
Power and clock management
Symbol
Description
Min.
Typ.
Max.
Units
C0_HFXO
Shunt capacitance
7
pF
RS_HFXO_7PF
Equivalent series resistance 3 pF < C0 ≤ 7 pF
60
Ω
RS_HFXO_3PF
Equivalent series resistance C0 ≤ 3 pF
100
Ω
PD_HFXO
Drive level
100
µW
CPIN_HFXO
Input capacitance XC1 and XC2
3
pF
ISTBY_X32M
Core standby current for various crystals
ISTBY_X32M_X0
Typical parameters for a given 2.5mm x 2.0mm crystal:
CL_HFXO = 8 pF, C0_HFXO = 1 pF, LM_HFXO = 7 mH,
RS_HFXO = 20 Ω
65
µA
ISTBY_X32M_X1
Typical parameters for a given 1.6mm x 1.2mm crystal:
CL_HFXO = 8 pF, C0_HFXO = 0.4 pF, LM_HFXO = 20 mH,
RS_HFXO = 40 Ω
110
µA
ISTART_X32M
Average startup current for various crystals, first 1 ms
ISTART_X32M_X0
Typical parameters for a given 2.5mm x 2.0mm crystal:
CL_HFXO = 8 pF, C0_HFXO = 1 pF, LM_HFXO = 7 mH,
RS_HFXO = 20 Ω
360
µA
ISTART_X32M_X1
Typical parameters for a given 1.6mm x 1.2mm crystal:
CL_HFXO = 8 pF, C0_HFXO = 0.4 pF, LM_HFXO = 20 mH,
RS_HFXO = 40 Ω
785
µA
tPOWERUP_X32M
Power-up time for various crystals
tPOWERUP_X32M_X0
Typical parameters for a given 2.5mm x 2.0mm crystal:
CL_HFXO = 8 pF, C0_HFXO = 1 pF, LM_HFXO = 7 mH,
RS_HFXO = 20 Ω
60
µs
tPOWERUP_X32M_X1
Typical parameters for a given 1.6mm x 1.2mm crystal:
CL_HFXO = 8 pF, C0_HFXO = 0.4 pF, LM_HFXO = 20 mH,
RS_HFXO = 40 Ω
200
µs
5.4.4.3 Low frequency crystal oscillator (LFXO)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_LFXO
Crystal frequency
32.768
kHz
fTOL_LFXO_BLE
Frequency tolerance requirement for BLE stack
±500
ppm
fTOL_LFXO_ANT
Frequency tolerance requirement for ANT stack
±50
ppm
CL_LFXO
Load capacitance
12.5
pF
C0_LFXO
Shunt capacitance
2
pF
RS_LFXO
Equivalent series resistance
100
kΩ
PD_LFXO
Drive level
0.5
μW
Cpin
Input capacitance on XL1 and XL2 pads
4
pF
ILFXO
Run current for 32.768 kHz crystal oscillator
0.23
µA
tSTART_LFXO
Startup time for 32.768 kHz crystal oscillator
0.25
s
tSTART_LFXO_EXT
Startup time for 32.768 kHz crystal oscillator when
CLOCK.LFXODEBOUNCE configured for Extended debounce
time
0.5
s
5.4.4.4 Low frequency RC oscillator (LFRC)
4463_156 v1.0
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com