Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 90 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 90 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 88Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 89Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 90Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 91Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 94Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 437 page
background image
Peripherals
Register
Offset
Description
EVENTS_RESOLVED
0x104
Address resolved
EVENTS_NOTRESOLVED
0x108
Address not resolved
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
STATUS
0x400
Resolution status
ENABLE
0x500
Enable AAR
NIRK
0x504
Number of IRKs
IRKPTR
0x508
Pointer to IRK data structure
ADDRPTR
0x510
Pointer to the resolvable address
SCRATCHPTR
0x514
Pointer to data area used for temporary storage
Table 23: Register overview
6.2.5.1 TASKS_START
Address offset: 0x000
Start resolving addresses based on IRKs specified in the IRK data structure
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Start resolving addresses based on IRKs specified in the IRK
data structure
Trigger
1
Trigger task
6.2.5.2 TASKS_STOP
Address offset: 0x008
Stop resolving addresses
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Stop resolving addresses
Trigger
1
Trigger task
6.2.5.3 EVENTS_END
Address offset: 0x100
Address resolution procedure complete
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_END
Address resolution procedure complete
NotGenerated
0
Event not generated
Generated
1
Event generated
4463_156 v1.0
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com