Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 63 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 63 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 67Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 437 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I
G
E
D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW RESETPIN
Reset from pin-reset detected
NotDetected
0
Not detected
Detected
1
Detected
B
RW DOG
Reset from watchdog detected
NotDetected
0
Not detected
Detected
1
Detected
C
RW SREQ
Reset from soft reset detected
NotDetected
0
Not detected
Detected
1
Detected
D
RW LOCKUP
Reset from CPU lock-up detected
NotDetected
0
Not detected
Detected
1
Detected
E
RW OFF
Reset due to wake up from System OFF mode when wakeup
is triggered from DETECT signal from GPIO
NotDetected
0
Not detected
Detected
1
Detected
G
RW DIF
Reset due to wake up from System OFF mode when wakeup
is triggered from entering into debug interface mode
NotDetected
0
Not detected
Detected
1
Detected
I
RW VBUS
Reset due to wake up from System OFF mode by VBUS rising
into valid range
NotDetected
0
Not detected
Detected
1
Detected
5.3.7.12 RAMSTATUS ( Deprecated )
Address offset: 0x428
RAM status register
Since this register is deprecated the following substitutions have been made: RAM block 0 is equivalent to
a block comprising RAM0.S0 and RAM1.S0, RAM block 1 is equivalent to a block comprising RAM2.S0 and
RAM3.S0. A RAM block field will indicate ON as long as any of the RAM sections associated with a block
are on.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A-B R
RAMBLOCK[i] (i=0..1)
RAM block i is on or off/powering up
Off
0
Off
On
1
On
5.3.7.13 USBREGSTATUS
Address offset: 0x438
USB supply status
4463_156 v1.0
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com