Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 81 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 81 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 77Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 78Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 79Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 80Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 81Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 82Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 85Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 437 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
SRC
Clock source
RC
0
32.768 kHz RC oscillator (LFRC)
Xtal
1
32.768 kHz crystal oscillator (LFXO)
Synth
2
32.768 kHz synthesized from HFCLK (LFSYNT)
5.4.3.21 LFCLKSRC
Address offset: 0x518
Clock source for the LFCLK
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SRC
Clock source
RC
0
32.768 kHz RC oscillator (LFRC)
Xtal
1
32.768 kHz crystal oscillator (LFXO)
Synth
2
32.768 kHz synthesized from HFCLK (LFSYNT)
B
RW BYPASS
Enable or disable bypass of LFCLK crystal oscillator with
external clock source
Disabled
0
Disable (use with Xtal or low-swing external source)
Enabled
1
Enable (use with rail-to-rail external source)
C
RW EXTERNAL
Enable or disable external source for LFCLK
Disabled
0
Disable external source (use with Xtal)
Enabled
1
Enable use of external source instead of Xtal (SRC needs to
be set to Xtal)
5.4.3.22 HFXODEBOUNCE
Address offset: 0x528
HFXO debounce time. The HFXO is started by triggering the TASKS_HFCLKSTART task.
The EVENTS_HFCLKSTARTED event is generated after the HFXO power up time + the HFXO debounce time
has elapsed. It is not allowed to change the value of this register while the HFXO is starting.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000010
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW HFXODEBOUNCE
0x01..0xFF
HFXO debounce time. Debounce time = HFXODEBOUNCE *
16 µs.
Db256us
0x10
256 µs debounce time. Recommended for 1.6 mm x 2.0 mm
crystals and larger.
Db1024us
0x40
1024 µs debounce time. Recommended for 1.6 mm x 1.2
mm crystals and smaller.
5.4.3.23 LFXODEBOUNCE
Address offset: 0x52C
4463_156 v1.0
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com