Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 101 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 101 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 97Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 98Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 99Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 100Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 101Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 102Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 103Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 104Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 105Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 437 page
background image
Peripherals
task in the AES CCM peripheral. The KSGEN task is triggered from the READY event in RADIO through a PPI
connection.
For long packets (MODE.LENGTH = Extended) the keystream generation will need to start even earlier,
such as when the RXEN task in RADIO is triggered.
Refer to Timing specification on page 109 for information about the time needed for generating a
keystream.
RU
A
H
L
RFU
EPL
MIC
CRC
ADDRESS
RXEN
END
keystream
generation
KSGEN
decryption
CRYPT
PPI
ENDKSGEN
ENDCRYPT
P
READY
START
SHORTCUT
RADIO
AES CCM
RU: Ramp-up of RADIO
P: Preamble
A: Address
H: Header (S0)
L: Length
RFU: reserved for future use (S1)
EPL: encrypted payload
: RADIO receiving noise
READY
PPI
Figure 35: On-the-fly decryption of short packets (MODE.LENGTH = Default) using a PPI connection
6.4.7 CCM data structure
The CCM data structure is located in Data RAM at the memory location specified by the CNFPTR pointer
register.
Property
Address offset
Description
KEY
0
16 byte AES key
PKTCTR
16
Octet0 (LSO) of packet counter
17
Octet1 of packet counter
18
Octet2 of packet counter
19
Octet3 of packet counter
20
Bit 6 – Bit 0: Octet4 (7 most significant bits of packet counter, with Bit 6 being the most
significant bit) Bit7: Ignored
21
Ignored
22
Ignored
23
Ignored
24
Bit 0: Direction bit Bit 7 – Bit 1: Zero padded
IV
25
8 byte initialization vector (IV) Octet0 (LSO) of IV, Octet1 of IV, … , Octet7 (MSO) of IV
Table 27: CCM data structure overview
The NONCE vector (as specified by the Bluetooth Core Specification) will be generated by hardware based
on the information specified in the CCM data structure from CCM data structure overview on page 101 .
Property
Address offset
Description
HEADER
0
Packet Header
LENGTH
1
Number of bytes in unencrypted payload
RFU
2
Reserved Future Use
PAYLOAD
3
Unencrypted payload
Table 28: Data structure for unencrypted packet
4463_156 v1.0
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com