Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 142 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 142 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 138Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 139Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 140Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 141Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 142Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 143Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 144Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 145Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 146Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 437 page
background image
Peripherals
Instance
Channel
Number of channels
PPI
0-19
20
PPI (fixed)
20-31
12
Table 45: Configurable and fixed PPI channels
The PPI provides a mechanism to automatically trigger a task in one peripheral as a result of an event
occurring in another peripheral. A task is connected to an event through a PPI channel. The PPI channel
is composed of three end point registers, one EEP, and two TEPs. A peripheral task is connected to a TEP
using the address of the task register associated with the task. Similarly, a peripheral event is connected to
an EEP using the address of the event register associated with the event.
On each PPI channel, the signals are synchronized to the 16 MHz clock to avoid any internal violation
of setup and hold timings. As a consequence, events that are synchronous to the 16 MHz clock will be
delayed by one clock period, while other asynchronous events will be delayed by up to one 16 MHz clock
period.
Note: Shortcuts (as defined in the SHORTS register in each peripheral) are not affected by this 16
MHz synchronization, and are therefore not delayed.
Each TEP implements a fork mechanism that enables a second task to be triggered at the same time as the
task specified in the TEP is triggered. This second task is configured in the task end point register in the
FORK registers groups, e.g. FORK.TEP[0] is associated with PPI channel CH[0].
There are two ways of enabling and disabling PPI channels:
• Enable or disable PPI channels individually using the CHEN, CHENSET, and CHENCLR registers.
• Enable or disable PPI channels in PPI channel groups through the groups’ ENABLE and DISABLE tasks.
Prior to these tasks being triggered, the PPI channel group must be configured to define which PPI
channels belong to which groups.
Note: When a channel belongs to two groups m and n, and the tasks CHG[m].EN and CHG[n].DIS
occur simultaneously (m and n can be equal or different), the CHG[m].EN on that channel has
priority.
PPI tasks (for example, CHG[0].EN) can be triggered through the PPI like any other task, which means they
can be hooked to a PPI channel as a TEP. One event can trigger multiple tasks by using multiple channels
and one task can be triggered by multiple events in the same way.
6.10.1 Pre-programmed channels
Some of the PPI channels are pre-programmed. These channels cannot be configured by the CPU, but can
be added to groups and enabled and disabled like the general purpose PPI channels. The FORK TEP for
these channels are still programmable and can be used by the application.
For a list of pre-programmed PPI channels, see the following table.
4463_156 v1.0
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com