Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 246 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 246 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 242Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 243Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 244Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 245Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 246Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 247Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 248Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 249Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 250Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 437 page
background image
Peripherals
1
1
Figure 97: SPI master transaction
6.15.2 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
SPI
SPI0
SPI master 0
Deprecated
0x40004000
SPI
SPI1
SPI master 1
Deprecated
Table 73: Instances
Register
Offset
Description
EVENTS_READY
0x108
TXD byte sent and RXD byte received
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
Enable SPI
PSEL.SCK
0x508
Pin select for SCK
PSEL.MOSI
0x50C
Pin select for MOSI signal
PSEL.MISO
0x510
Pin select for MISO signal
RXD
0x518
RXD register
TXD
0x51C
TXD register
FREQUENCY
0x524
SPI frequency. Accuracy depends on the HFCLK source selected.
CONFIG
0x554
Configuration register
Table 74: Register overview
6.15.2.1 EVENTS_READY
Address offset: 0x108
TXD byte sent and RXD byte received
4463_156 v1.0
246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com