Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 281 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 281 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 277Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 278Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 279Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 280Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 281Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 285Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 437 page
background image
Peripherals
Register
Offset
Description
A1
0x524
Slope of second piecewise linear function
A2
0x528
Slope of third piecewise linear function
A3
0x52C
Slope of fourth piecewise linear function
A4
0x530
Slope of fifth piecewise linear function
A5
0x534
Slope of sixth piecewise linear function
B0
0x540
y-intercept of first piecewise linear function
B1
0x544
y-intercept of second piecewise linear function
B2
0x548
y-intercept of third piecewise linear function
B3
0x54C
y-intercept of fourth piecewise linear function
B4
0x550
y-intercept of fifth piecewise linear function
B5
0x554
y-intercept of sixth piecewise linear function
T0
0x560
End point of first piecewise linear function
T1
0x564
End point of second piecewise linear function
T2
0x568
End point of third piecewise linear function
T3
0x56C
End point of fourth piecewise linear function
T4
0x570
End point of fifth piecewise linear function
Table 87: Register overview
6.19.1.1 TASKS_START
Address offset: 0x000
Start temperature measurement
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Start temperature measurement
Trigger
1
Trigger task
6.19.1.2 TASKS_STOP
Address offset: 0x004
Stop temperature measurement
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Stop temperature measurement
Trigger
1
Trigger task
6.19.1.3 EVENTS_DATARDY
Address offset: 0x100
Temperature measurement complete, data ready
4463_156 v1.0
281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com