Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 330 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 330 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 327Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 328Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 329Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 330Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 331Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 332Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 333Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 334Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 437 page
background image
Peripherals
Register
Offset
Description
ERRORSRC
0x4D0
Error source
MATCH
0x4D4
Status register indicating which address had a match
ENABLE
0x500
Enable TWIS
PSEL.SCL
0x508
Pin select for SCL signal
PSEL.SDA
0x50C
Pin select for SDA signal
RXD.PTR
0x534
RXD Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in RXD buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last RXD transaction
RXD.LIST
0x540
EasyDMA list type
TXD.PTR
0x544
TXD Data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in TXD buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last TXD transaction
TXD.LIST
0x550
EasyDMA list type
ADDRESS[0]
0x588
TWI slave address 0
ADDRESS[1]
0x58C
TWI slave address 1
CONFIG
0x594
Configuration register for the address match mechanism
ORC
0x5C0
Over-read character. Character sent out in case of an over-read of the transmit buffer.
Table 101: Register overview
6.23.8.1 TASKS_STOP
Address offset: 0x014
Stop TWI transaction
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Stop TWI transaction
Trigger
1
Trigger task
6.23.8.2 TASKS_SUSPEND
Address offset: 0x01C
Suspend TWI transaction
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_SUSPEND
Suspend TWI transaction
Trigger
1
Trigger task
6.23.8.3 TASKS_RESUME
Address offset: 0x020
Resume TWI transaction
4463_156 v1.0
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com