Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 117Page - Renesas Technology Corp 7220 Datasheet HTML 118Page - Renesas Technology Corp 7220 Datasheet HTML 119Page - Renesas Technology Corp 7220 Datasheet HTML 120Page - Renesas Technology Corp 7220 Datasheet HTML 121Page - Renesas Technology Corp 7220 Datasheet HTML 122Page - Renesas Technology Corp 7220 Datasheet HTML 123Page - Renesas Technology Corp 7220 Datasheet HTML 124Page - Renesas Technology Corp 7220 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 303 page
background image
2-94
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.14 Low-power dissipation mode
Reset
Ordinary mode
8 MHz oscillating
φ = 4 MHz
Wait mode
8 MHz oscillating
φ is stopped
Timer operating
Stop mode
8 MHz stopped
φ is stopped
(Note 1)
(Note 2)
* at f(XIN)
= 8 MHZ
Notes 1: The following interrupts are invalid in the wait mode.
(1) VSYNC interrupt
(2) CRT interrupt
(3) Timer 2 interrupt that count source is supplied from pin P24/TIM2.
(4) Timer 3 interrupt that count source is supplied from pin P23/TIM3.
Fig. 2.14.4 State transitions of low-power dissipation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com