Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 120Page - Renesas Technology Corp 7220 Datasheet HTML 121Page - Renesas Technology Corp 7220 Datasheet HTML 122Page - Renesas Technology Corp 7220 Datasheet HTML 123Page - Renesas Technology Corp 7220 Datasheet HTML 124Page - Renesas Technology Corp 7220 Datasheet HTML 125Page - Renesas Technology Corp 7220 Datasheet HTML 126Page - Renesas Technology Corp 7220 Datasheet HTML 127Page - Renesas Technology Corp 7220 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 303 page
background image
2-97
7220 Group User’s Manual
2.15 Reset
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EB16
EC16
ED16
EE16
EF16
EA16
Address
CRT control register (CC)
CRT port control register (CRTP)
A-D control register 1 (AD1)
A-D control register 2 (AD2)
Timer 1 (TM1)
Vertical position register 2 (CV2)
Color register 0 (CO0)
Color register 1 (CO1)
Character size register (CS)
Border selection register (MD)
Register
Horizontal position register (HR)
Vertical position register 1 (CV1)
Timer 2 (TM2)
Timer 3 (TM3)
Timer 4 (TM4)
Timer 12 mode register (T12M)
Timer 34 mode register (T34M)
PWM5 register (PWM5)
Interrupt input polarity register (RE)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Color register 2 (CO2)
Color register 3 (CO3)
CRT clock selection register (CK)
CPU mode register (CPUM)
sSFR Area (addresses E016 to FF16)
?
b7
b0
0
???
???
?
0
???
???
?
?
???
00
00
??
00
00
0
0
?
0016
?
00
0
0
0
0
0
?
?
?
00
0
0
0?
0
1
?
0
0016
?
11
1
00
State immediately after reset
: “0” immediately after reset
0
1
?
<
State immediately after reset >
: “1” immediately after reset
: Indeterminate immediately
after reset
FF16
0716
FF16
0716
FF16
0716
FF16
0716
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
Fig. 2.15.3 Internal state immediately after reset (2)
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com