Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 124Page - Renesas Technology Corp 7220 Datasheet HTML 125Page - Renesas Technology Corp 7220 Datasheet HTML 126Page - Renesas Technology Corp 7220 Datasheet HTML 127Page - Renesas Technology Corp 7220 Datasheet HTML 128Page - Renesas Technology Corp 7220 Datasheet HTML 129Page - Renesas Technology Corp 7220 Datasheet HTML 130Page - Renesas Technology Corp 7220 Datasheet HTML 131Page - Renesas Technology Corp 7220 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 303 page
background image
2-101
7220 Group User’s Manual
2.17 Oscillation circuit
Fig. 2.17.3 Clock oscillation circuit for CRT display
2.17 Oscillation circuit
The M37221M6-XXXSP/FP has a internal oscillation circuits used to obtain the clocks required for operation.
Ordinarily, the frequency on clock input pin XIN divided by 2 is the internal clock (internal timing output)
φ.
A quartz-crystal oscillator or ceramic resonator can be connected externally to these circuits.
(1)
Oscillation circuit using a quartz-crystal oscillator or ceramic resonator
Figure 2.17.1 shows the circuit example using a quartz-crystal oscillator or a ceramic resonator. As
shown in the diagram, oscillation circuit can be constructed by connecting a ceramic resonator (a
quartz-crystal oscillator) between pins XIN and XOUT. In this case, set the circuit constants for CIN and
COUT to the values recommended by the resonator manufacturer.
(2)
External clock oscillation circuit
Supplying an external clock is possible, Figure 2.17.2 shows the circuit example.
Fig. 2.17.1 Clock oscillation circuit using a ceramic
resonator
The M37221M6-XXXSP/FP has a CRT display clock
oscillation circuit, so that display clock can be obtained
simply by connecting a inductor and capacitor between
pins OSC1 and OSC2. Figure 2.17.3 shows the circuit
example.
Refer to “2.11.9 Clock for display.”
Fig. 2.17.2 External clock input circuit example
19
20
VCC
VSS
External oscillation circuit
Open
XIN
XOUT
M37221M6-XXXSP/FP
In the stop mode, keep the XIN pin input
signal at an “H” level.
Note:
CIN
COUT
19
20
XIN
XOUT
M37221M6-XXXSP/FP
C1
24
OSC1
M37221M6-XXXSP/FP
C2
23
OSC2
L
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com