Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 126Page - Renesas Technology Corp 7220 Datasheet HTML 127Page - Renesas Technology Corp 7220 Datasheet HTML 128Page - Renesas Technology Corp 7220 Datasheet HTML 129Page - Renesas Technology Corp 7220 Datasheet HTML 130Page - Renesas Technology Corp 7220 Datasheet HTML 131Page - Renesas Technology Corp 7220 Datasheet HTML 132Page - Renesas Technology Corp 7220 Datasheet HTML 133Page - Renesas Technology Corp 7220 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 303 page
background image
3-2
7220 Group User’s Manual
ELECTRICAL CHARACTERISTICS
3.1 Electrical characteristics
3.1 Electrical characteristics
Absolute maximum ratings
Notes 1: The total current that flows out of the IC must be 20 mA (max.).
2: The total input current to IC (IOL1 + IOL2 + IOL3) must be 30 mA or less.
3: The total average input current for ports P24–P27 to IC must be 20 mA or less.
Symbol
VCC
VI
VI
VO
VO
IOH
IOL1
IOL2
IOL3
IOL4
Pd
Topr
Tstg
Parameter
Power source voltage VCC
Input voltage
CNVSS
Input voltage
P00–P07,P10–P17, P20–
P27, P30–P34, OSC1, XIN,
HSYNC, VSYNC, RESET
Output voltage
P06, P07, P10–P17, P20–
P27, P30–P32, R, G, B,
OUT1, D-A, XOUT, OSC2
Output voltage
P00–P05
Circuit current
R , G , B , OUT1, P1 0–P1 7,
P20–P27, P30, P31, D-A
Circuit current
R, G, B, OUT1, P06, P07,
P10, P15–P17, P20–P23,
P30–P32, D-A
Circuit current
P11–P14
Circuit current
P00–P05
Circuit current
P24–P27
Power dissipation
Operating temperature
Storage temperature
Conditions
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = 25 °C
Ratings
–0.3 to 6
–0.3 to 6
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 13
0 to 1 (Note 1)
0 to 2 (Note 2)
0 to 6 (Note 2)
0 to 1 (Note 2)
0 to 10 (Note 3)
550
–10 to 70
–40 to 125
Unit
V
V
V
V
V
mA
mA
mA
mA
mA
mW
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com