Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 130Page - Renesas Technology Corp 7220 Datasheet HTML 131Page - Renesas Technology Corp 7220 Datasheet HTML 132Page - Renesas Technology Corp 7220 Datasheet HTML 133Page - Renesas Technology Corp 7220 Datasheet HTML 134Page - Renesas Technology Corp 7220 Datasheet HTML 135Page - Renesas Technology Corp 7220 Datasheet HTML 136Page - Renesas Technology Corp 7220 Datasheet HTML 137Page - Renesas Technology Corp 7220 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 303 page
background image
3-6
7220 Group User’s Manual
ELECTRICAL CHARACTERISTICS
3.1 Electrical characteristics
3.2 Standard characteristics
The data described in this section are characteristic examples. Refer to “3.1 Electrical characteristics” for
rated values.
3.2 Standard characteristics
100.00
0.000
0.000
LOW level output voltage V OL [V]
VCC=5.5V
VCC=4.5V
6.000
4.800
3.600
2.400
1.200
1. Ports P00–P05 and P32
(a) IOL–VOL characteristics
20.00
40.00
60.00
80.00
100.00
0.000
0.000
LOW level output voltage V OL [V]
VCC=5.5V
VCC=4.5V
6.000
4.800
3.600
2.400
1.200
2. Ports P06 and P07
(a) IOH–VOL characteristics
20.00
40.00
60.00
80.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com