Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 129Page - Renesas Technology Corp 7220 Datasheet HTML 130Page - Renesas Technology Corp 7220 Datasheet HTML 131Page - Renesas Technology Corp 7220 Datasheet HTML 132Page - Renesas Technology Corp 7220 Datasheet HTML 133Page - Renesas Technology Corp 7220 Datasheet HTML 134Page - Renesas Technology Corp 7220 Datasheet HTML 135Page - Renesas Technology Corp 7220 Datasheet HTML 136Page - Renesas Technology Corp 7220 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 303 page
background image
3-5
7220 Group User’s Manual
3.1 Electrical characteristics
Typ.
Max.
300
0.9
300
1.3
0.6
1.3
20+0.1Cb
0
0.6
20+0.1Cb
100
0.6
0.6
A-D Comparator characteristics
(VCC = 5 V ± 10 %, VSS = 0 V, f(XIN) = 8 MHz, Ta = –10 °C to 70 °C, unless otherwise noted)
Note: When VCC = 5 V, 1 LSB = 5/64 V.
Multi-master I2C-BUS bus line characteristics
Note: Cb = total capacitance of 1 bus line
Fig. 3.1.1 Definition diagram of timing on multi-master I2C-BUS
Limits
Unit
bits
LSB
Typ.
±1
Max.
6
±2
Min.
0
Parameter
Symbol
Test conditions
—
—
Resolution
Absolute accuracy
Standard clod mode High-speed clock mode
Unit
Min.
Max.
µs
µs
µs
ns
µs
µs
ns
ns
µs
µs
4.7
4.0
4.7
0
4.0
250
4.7
4.0
1000
300
Parameter
Symbol
tBUF
tHD:STA
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
tSU:STA
tSU:STO
Bus free time
Hold time for START condition
LOW period of SCL clock
Rising time of both SCL and SDA signals
Data hold time
HIGH period of SCL clock
Falling time of both SCL and SDA signals
Data set-up time
Set-up time for repeated START condition
Set-up time for STOP condition
SDA
SCL
P
tBUF
S
tHD:STA
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
tSU:STA
Sr
P
tSU:STO
tHD:STA
S
Sr
P
: Start condition
: Restart condition
: Stop condition
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com