Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 136Page - Renesas Technology Corp 7220 Datasheet HTML 137Page - Renesas Technology Corp 7220 Datasheet HTML 138Page - Renesas Technology Corp 7220 Datasheet HTML 139Page - Renesas Technology Corp 7220 Datasheet HTML 140Page - Renesas Technology Corp 7220 Datasheet HTML 141Page - Renesas Technology Corp 7220 Datasheet HTML 142Page - Renesas Technology Corp 7220 Datasheet HTML 143Page - Renesas Technology Corp 7220 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 303 page
background image
M37220M3-XXXSP/FP
4.1 Performance overview
7220 Group User’s Manual
4-2
71
0.5
µs (the minimum instruction execution time, at 8
MHz oscillation frequency)
8 MHz (maximum)
12 K bytes
256 bytes
4 K bytes
80 bytes
8-bit ! 1 (N-channel open-drain output structure, can be
used as PWM output pins, INT input pins, A-D input pin)
8-bit ! 1 (CMOS input/output structure, can be used as
A-D input pins, INT input pin)
2-bit ! 1 (CMOS input/output or N-channel open-drain
output structure, can be used as serial I/O pins)
6-bit ! 1 (CMOS input/output structure, can be used as
serial input pin, external clock input pins)
2-bit ! 1 (CMOS input/output or N-channel open-drain
output structure, can be used as D-A conversion output
pins, A-D input pins)
1-bit ! 1 (N-channel open-drain output structure)
2-bit ! 1 (can be used as CRT display clock I/O pins)
4-bit ! 1 (CMOS output structure, can be used as CRT
output pins)
8-bit ! 1
6 channels (6-bit resolution)
2 (6-bit resolution)
14-bit ! 1, 8-bit ! 6
8-bit timer ! 4
96 levels (maximum)
External interrupt ! 3, Internal timer interrupt ! 4, Serial
I/O interrupt ! 1, CRT interrupt ! 1, f(XIN)/4096 interrupt
! 1, VSYNC interrupt ! 1, BRK interrupt ! 1
2 built-in circuits (externally connected a ceramic resonator
or a quartz-crystal oscillator)
5 V ± 10 %
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output ports
Serial I/O
A-D comparator
D-A converter
PWM output circuit
Timers
Subroutine nesting
Interrupt
Clock generating circuit
Power source voltage
4.1 Performance overview
This chapter is described about M37220M3-XXXSP/FP.
M37220M3-XXXSP/FP has the common functions with M37221M6-XXXSP/FP except for part of functions.
This chapter explains the differences between M37220M3-XXXSP/FP and M37221M6-XXXSP/FP. Therefore,
refer to the corresponding descriptions of M37221M6-XXXSP/FP about the common functions.
The 8-bit microcomputer M37220M3-XXXSP/FP has many additional functions for tuning system for TV:
Table 4.1.1 Performance overview (1)
Parameter
ROM
RAM
CRT ROM
CRT RAM
P00–P07
P10–P17
P20, P21
P22–P27
P30, P31
P32
P33, P34
P52–P55
I/O
I/O
I/O
I/O
I/O
I/O
Input
Output
Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com