Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 137Page - Renesas Technology Corp 7220 Datasheet HTML 138Page - Renesas Technology Corp 7220 Datasheet HTML 139Page - Renesas Technology Corp 7220 Datasheet HTML 140Page - Renesas Technology Corp 7220 Datasheet HTML 141Page - Renesas Technology Corp 7220 Datasheet HTML 142Page - Renesas Technology Corp 7220 Datasheet HTML 143Page - Renesas Technology Corp 7220 Datasheet HTML 144Page - Renesas Technology Corp 7220 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 303 page
background image
M37220M3-XXXSP/FP
4.1 Performance overview
4-3
7220 Group User’s Manual
Table 4.1.2 Performance overview (2)
Power dissipation
12V withstand ports
LED drive ports
Operating temperature range
Device structure
Package
CRT display function
Performance
Parameter
CRT ON
CRT OFF
In stop mode
165 mW typ. (at oscillation frequency f(XIN) = 8 MHz,
fCRT = 8 MHz)
110 mW typ. (at oscillation frequency f(XIN) = 8 MHz)
1.65 mW (maximum)
6
4
–10 °C to 70 °C
CMOS silicon gate process
42-pin shrink plastic molded DIP
42-pin shrink plastic molded SOP
20 characters ! 2 lines (maximum 16 lines by software)
12 ! 16 dots
128 kinds
3 kinds
Maximum 7 kinds (R, G, B); can be specified by the
character
64 levels (horizontal) ! 128 levels (vertical)
M37220M3-XXXSP
M37220M3-XXXFP
Number of display characters
Dot structure
Kinds of characters
Kinds of character sizes
Kinds of character
colors
Display position (horizontal, vertical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com