Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 141Page - Renesas Technology Corp 7220 Datasheet HTML 142Page - Renesas Technology Corp 7220 Datasheet HTML 143Page - Renesas Technology Corp 7220 Datasheet HTML 144Page - Renesas Technology Corp 7220 Datasheet HTML 145Page - Renesas Technology Corp 7220 Datasheet HTML 146Page - Renesas Technology Corp 7220 Datasheet HTML 147Page - Renesas Technology Corp 7220 Datasheet HTML 148Page - Renesas Technology Corp 7220 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 303 page
background image
M37220M3-XXXSP/FP
4.3 Pin description
4-7
7220 Group User’s Manual
Port P2 is an 8-bit I/O port and has basically the same functions as
port P0. The output structure is CMOS output.
Pins P23, P24 are also used as external clock input pins TIM3, TIM2
respectively.
P20 pin is also used as serial I/O synchronous clock input/output pin
SCLK. The output structure is N-channel open-drain output.
Pins P21, P22 are also used as serial I/O data input/output pins SOUT,
SIN respectively. The output structure is N-channel open-drain output.
Ports P30–P32 are 3-bit I/O ports and have basically the same functions
as port P0. Either CMOS output or N-channel open-drain output structure
can be selected as the port P30 and P31. The output structure of port
P32 is N-channel open-drain output.
Pins P30, P31 are also used as analog input pins A-D5, A-D6 respectively.
Pins P30, P31 are also used as D-A conversion output pins DA1, DA2
respectively.
Ports P33, P34 are 2-bit input ports.
P33 pin is also used as CRT display clock input pin OSC1.
P34 pin is also used as CRT display clock output pin OSC2. The
output structure is CMOS output.
Ports P52–P55 are 4-bit output ports. The output structure is CMOS
output.
Pins P52–P55 are also used as CRT output pins R, G, B, OUT respectively.
The output structure is CMOS output.
This is a horizontal synchronous signal input for CRT.
This is a vertical synchronous signal input for CRT.
This is a 14-bit PWM output pin.
I/O
Input
I/O
I/O
I/O
Input
Output
Input
Input
Output
Output
Output
Input
Input
Output
P20/SCLK,
P21/SOUT,
P22/SIN,
P23/TIM3,
P24/TIM2,
P25–P27
P3 0/A-D5/
DA1,
P3 1/A-D6/
DA2, P32
P33/OSC1,
P34/OSC2
P52/R,
P53/G,
P54/B,
P55/OUT
HSYNC
VSYNC
D-A
I/O port P2
External clock
input
Serial I/O
synchronous
clock input/
output
Serial I/O data
input/output
I/O port P3
Analog input
D-A conversion
output
Input port P3
Clock input for
CRT display
Clock output for
CRT display
Output port P5
CRT output
HSYNC input
VSYNC input
DA output
Table 4.3.2 Pin description (2)
Pin
Name
Input/
Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com