Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 143Page - Renesas Technology Corp 7220 Datasheet HTML 144Page - Renesas Technology Corp 7220 Datasheet HTML 145Page - Renesas Technology Corp 7220 Datasheet HTML 146Page - Renesas Technology Corp 7220 Datasheet HTML 147Page - Renesas Technology Corp 7220 Datasheet HTML 148Page - Renesas Technology Corp 7220 Datasheet HTML 149Page - Renesas Technology Corp 7220 Datasheet HTML 150Page - Renesas Technology Corp 7220 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
4-9
7220 Group User’s Manual
4.5 Functional description
Functions of M37220M3-XXXSP/FP are partially different from those of M37221M6-XXXSP/FP. Table 4.5.1
shows the difference between M37220M3-XXXSP/FP and M37221M6-XXXSP/FP.
Table 4.5.1 Difference between M37220M3-XXXSP/FP and M37221M6-XXXSP/FP
Programmable I/O ports
Port P0
Port P1
Port P2
Port P3
Port P5
Interrupts
D-A converter
Multi-master I2C-BUS interface
CRT display function
Number of display characters
Kinds of characters
Kinds of character back
ground colors
Paramater
M37221M6-XXXSP/FP
33
8 bits
8 bits
8 bits
8 bits
4 bits
There is multi-master I2C-BUS
interface interrupt
Included
1 (2 systems)
24characters ! 2 lines
256 kinds
Possible
(It can be specified by the character.)
Maximum 7 kinds
M37220M3-XXXSP/FP
33
8 bits
8 bits
(Functions except port are
partially different.)
8 bits
8 bits
(Functions except port are
partically different.)
4 bits
No multi-master I2C-BUS
interface interrupt
(Priority level is the same as
M37221M6-XXXSP/FP.)
Included
2 (6-bit resolution)
20 characters ! 2 lines
128 kinds
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com