Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 158Page - Renesas Technology Corp 7220 Datasheet HTML 159Page - Renesas Technology Corp 7220 Datasheet HTML 160Page - Renesas Technology Corp 7220 Datasheet HTML 161Page - Renesas Technology Corp 7220 Datasheet HTML 162Page - Renesas Technology Corp 7220 Datasheet HTML 163Page - Renesas Technology Corp 7220 Datasheet HTML 164Page - Renesas Technology Corp 7220 Datasheet HTML 165Page - Renesas Technology Corp 7220 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
7220 Group User’s Manual
4-24
The different CRT display function–related registers from those of M37221M6-XXXSP/FP are shown in the
following pages.
Fig. 4.5.13 Border selection register (addresses 00E516)
Fig. 4.5.14 Color register n (addresses 00E616 to 00E916)
b7 b6 b5 b4 b3 b2 b1 b0
Color register n (COn) (n = 0 to 3) [Addresses 00E6 16 to 00E916]
B
Name
Functions
After reset R W
Color Register n
0
0
1
B signal output
selection bit (COn1)
0 : No character is output
1 : Character is output
0
2
G signal output
selection bit (COn2)
0 : No character is output
1 : Character is output
0
3
R signal output
selection bit (COn3)
0 : No character is output
1 : Character is output
0
4
5
OUT signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6, 7
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
R—
RW
RW
RW
R—
RW
R—
b7 b6 b5 b4 b3 b2 b1 b0
Border selection register (MD) [Address 00E5 16]
B
Name
Functions
After reset
R W
Border Selection Register
0
Block 1 OUT output
border selection bit (MD10)
0 : Same output as character output
1 : Border output
Indeterminate
1
2
Block 1 OUT output
border selection bit (MD20)
0 : Same output as character output
1 : Border output
0
0
3
to
7
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
Indeterminate
RW
R—
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com