Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 160Page - Renesas Technology Corp 7220 Datasheet HTML 161Page - Renesas Technology Corp 7220 Datasheet HTML 162Page - Renesas Technology Corp 7220 Datasheet HTML 163Page - Renesas Technology Corp 7220 Datasheet HTML 164Page - Renesas Technology Corp 7220 Datasheet HTML 165Page - Renesas Technology Corp 7220 Datasheet HTML 166Page - Renesas Technology Corp 7220 Datasheet HTML 167Page - Renesas Technology Corp 7220 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
7220 Group User’s Manual
4-26
4.5.7 Internal state immediately after reset
Figures 4.5.17 and 4.5.18 show the internal state immediately after reset.
Fig. 4.5.17 Internal state immediately after reset (1)
sSFR Area (addresses C016 to DF16)
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CB16
CC16
CD16
CE16
CF16
CA16
Address
Port P5 (P5)
Port P5 direction register (D5)
Port P3 output mode control register (P3S)
DA-H register (DA-H)
DA-L register (DA-L)
PWM0 register (PWM0)
Port P1 (P1)
Port P1 direction register (D1)
Port P3 (P3)
Port P3 direction register (D3)
Port P2 (P2)
Port P2 direction register (D2)
Register
Port P0 (P0)
Port P0 direction register (D0)
PWM1 register (PWM1)
PWM2 register (PWM2)
PWM3 register (PWM3)
PWM4 register (PWM4)
PWM output control register 1 (PW)
PWM output control register 2 (PN)
Serial I/O mode register (SM)
Serial I/O regsiter (SIO)
DA1 conversion register (DA1)
DA2 conversion register (DA2)
State immediately after reset
?
0016
b7
b0
?
0016
?
0016
?
?
?
?
?
0
0
0
?
?
0
0
?
?
?
?
?
?
0
0
?
?
?
?
?
?
?
?
?
?
?
0016
?
?
?
?
?
?
0
0
?
?
??
?
?
0
0
?
?
??
?
?
?
?
: “0” immediately after reset
: Undefined immediately
after reset
0
1
?
<
State immediately after reset >
: “1” immediately after reset
0016
0016
0016
0016
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com