Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 163Page - Renesas Technology Corp 7220 Datasheet HTML 164Page - Renesas Technology Corp 7220 Datasheet HTML 165Page - Renesas Technology Corp 7220 Datasheet HTML 166Page - Renesas Technology Corp 7220 Datasheet HTML 167Page - Renesas Technology Corp 7220 Datasheet HTML 168Page - Renesas Technology Corp 7220 Datasheet HTML 169Page - Renesas Technology Corp 7220 Datasheet HTML 170Page - Renesas Technology Corp 7220 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 303 page
background image
M37220M3-XXXSP/FP
4.6 Electrical characteristics
4-29
7220 Group User’s Manual
VCC
VSS
VIH
VIL1
VIL2
IOH
IOL1
IOL2
IOL3
f(XIN)
fCRT
fhs1
fhs2
Power source voltage (Note 4), During CPU, CRT operation
Power source voltage
HIGH input voltage
P00–P07,P10–P17, P20–P27,
P30–P34, SIN, SCLK, HSYNC,
VSYNC, RESET, XIN, OSC1,
TIM2, TIM3, INT1, INT2, INT3
LOW input voltage
P00–P07,P10–P17, P20–P27,
P30–P34
LOW input voltage
HSYNC, VSYNC, RESET, TIM2,
TIM3, INT1, INT2, INT3, XIN,
OSC1, SIN, SCLK
HIGH average output current (Note 1)
R, G, B, OUT, D-A, P10–P17,
P20–P27, P30, P31
LOW average output current (Note 2)
R, G, B, OUT, D-A, P06, P07,
P10–P17, P20–P27, P30–P32
LOW average output current (Note 2)
P00–P05
LOW average output current (Note 3)
P24–P27
Oscillation frequency (for CPU operation) (Note 5) XIN
Oscillation frequency (for CRT display) (Note 5)
OSC1
Input frequency
TIM2, TIM3
Input frequency
SCLK
Recommended operating conditions (Ta = –10 °C to 70 °C, VCC = 5 V ± 10 %, unless otherwise noted)
Parameter
Symbol
Notes 1: The total current that flows out of the IC must be 20 mA (max.).
2: The total input current to IC (IOL1 + IOL2) must be 30 mA or less.
3: The total average input current for ports P24–P27 to IC must be 20 mA or less.
4: Connect 0.1
µF or more capacitor externally across the power source pins VCC–VSS so as to
reduce power source noise. Also connect 0.1
µF or more capacitor externally across the pins
VCC–CNVSS.
5: Use a quartz-crystal oscillator or a ceramic resonator for the CPU oscillation circuit.
Max.
5.5
0
VCC
0.4VCC
0.2VCC
1
2
1
10
8.1
8.0
100
1
Min.
4.5
0
0.8VCC
0
0
7.9
5.0
Typ.
5.0
0
8.0
V
V
V
V
V
V
mA
mA
mA
mA
MHz
MHz
kHz
MHz
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com