Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 188Page - Renesas Technology Corp 7220 Datasheet HTML 189Page - Renesas Technology Corp 7220 Datasheet HTML 190Page - Renesas Technology Corp 7220 Datasheet HTML 191Page - Renesas Technology Corp 7220 Datasheet HTML 192Page - Renesas Technology Corp 7220 Datasheet HTML 193Page - Renesas Technology Corp 7220 Datasheet HTML 194Page - Renesas Technology Corp 7220 Datasheet HTML 195Page - Renesas Technology Corp 7220 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 303 page
background image
APPLICATION
5.3 Usage example of ROM correction function (M37221M8/MA-XXXSP)
7220 Group User’s Manual
5-19
Fig. 5.3.6 General flowchart when using ROM correction function
5.3.4 General flowchart
Figure 5.3.6 shows the general flowchart when using ROM correction function. E2PROM addresses in the
flowchart corresponds to E2PROM map (refer to “Figures 5.3.4 and 5.3.5”).
START
Use ROM correction function 1 ?
No
Yes
After reset release, read the data
from E2PROM
• ROM correction function 1 (address 000 16)
• ROM correction function 2 (address 023 16)
←5516: valid, others: invalid
• ROM correction address 1 (high-order)
16
← 00116 of E2PROM
• ROM correction address 1 (low-order)
16
← 00216 of E2PROM
address 02C016 to 02DF16
← 00316 to 02216 of E2PROM
ROM correction enable register
(b0 at address 021B 16)← “0” (disabled)
Use ROM correction function 2 ?
No
Yes
• ROM correction address 2 (high-order)
16
← 02416 of E2PROM
• ROM correction address 1 (low-order)
16
← 02516 of E2PROM
address 02E0 16 to 02FF16
← 02616 to 04516 of E2PROM
ROM correction enable register
(b1 at address 021B 16)
← “1” (enabled)
ROM correction enable register
(b1 at address 021B 16)
← “0” (disabled)
END
Store execution address
into ROM correction address 1.
Store correction codes of ROM
correction function 1 into ROM
correction memory 1 (block 1).
Enable block 1 enable bit.
Store execution address
into ROM correction address 2.
Store correction codes of ROM
correction function 2 into ROM
correction memory 2 (block 2).
Enable block 2 enable bit.
Disable block 2 enable bit.
ROM correction enable register
(b0 at address 021B 16)
← “1” (enabled)
Disable block 1 enable bit.
Valid/invalid
Valid/invalid
address 0218
address 0217
address 021A
address 0219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com