Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 184Page - Renesas Technology Corp 7220 Datasheet HTML 185Page - Renesas Technology Corp 7220 Datasheet HTML 186Page - Renesas Technology Corp 7220 Datasheet HTML 187Page - Renesas Technology Corp 7220 Datasheet HTML 188Page - Renesas Technology Corp 7220 Datasheet HTML 189Page - Renesas Technology Corp 7220 Datasheet HTML 190Page - Renesas Technology Corp 7220 Datasheet HTML 191Page - Renesas Technology Corp 7220 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 303 page
background image
APPLICATION
5.3 Usage example of ROM correction function (M37221M8/MA-XXXSP)
7220 Group User’s Manual
5-15
5.3.2 Correction example
The following is an example when 2 addresses (2 blocks) of ROM are corrected.
(1)
Correction example 1
5.3 Usage example of ROM correction function (M37221M8/MA-XXXSP)
Application example using the ROM correction function is described below. In this example, it is assumed
that the program must be changed by specifications modification after completion of ROM mask. Also,
E2PROM is connected to this system.
5.3.1 Connection example
Fig. 5.3.1 Connection example
Fig. 5.3.2 Correction example (1)
<E2PROM>
I2C-BUS
<Microcomputer>
LDA
DEC
STA
DEC
DEC
02C0
02C2
02C3
02C6
02C7
02CA
A980
1A
8D1201
1A
8D1301
4C26E1
Address
(block 1)
LDA
INC
A
STA
RTS
A900
3A
8D1101
60
E120
E122
E123
E126
Address
Machine
instructions
Description style
Program before correction
Machine
instructions
Description style
Correction program
Note: In Œ, E126H is specified as the return destination address of JMP.
RTS,
RTS is used instead of JMP, the operation is the same as that of JMP.
As a result, the number of bytes is reduced.
JMP
Œ (See note)
In this example, since the instruction at the return destination address is
even if
#00H
0111H
#80H
A
0112H
A
0113H
E126H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com