Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 183Page - Renesas Technology Corp 7220 Datasheet HTML 184Page - Renesas Technology Corp 7220 Datasheet HTML 185Page - Renesas Technology Corp 7220 Datasheet HTML 186Page - Renesas Technology Corp 7220 Datasheet HTML 187Page - Renesas Technology Corp 7220 Datasheet HTML 188Page - Renesas Technology Corp 7220 Datasheet HTML 189Page - Renesas Technology Corp 7220 Datasheet HTML 190Page - Renesas Technology Corp 7220 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 303 page
background image
APPLICATION
5.2 Notes on programming for OSD (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5-14
Fig. 5.2.2 Color register n (M37220M3-XXXSP/FP)
b7 b6 b5 b4 b3 b2 b1 b0
Color register n (COn) (n = 0 to 3) [Addresses 00E6 16 to 00E916]
B
Name
Functions
After reset R W
Color Register n
0
0
1
B signal output
selection bit (COn1)
0 : No character is output
1 : Character is output
0
2
G signal output
selection bit (COn2)
0 : No character is output
1 : Character is output
0
3
R signal output
selection bit (COn3)
0 : No character is output
1 : Character is output
0
4
5
OUT signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6, 7
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
R—
RW
RW
RW
R—
RW
R—
5.2.3 Number of display characters
The M37221ERSS can display up to 24 characters in each block. However, the M37220M3-XXXSP/FP can
display only up to 20 characters in each block. Note this when programming using the M37220M3-XXXSP/
FP.
5.2.2 Setting border selection register
The M37220M3-XXXSP/FP can output neither character background (OUT) nor border at the same time.
When setting the border selection bits (bit 0 or 2) to “1,” the border output takes over OUT (setting of
bit 5 of the color registers). Therefore, select either the character background output or the border output.
Fig. 5.2.3 Border selection register (M37220M3-XXXSP/FP)
b7 b6 b5 b4 b3 b2 b1 b0
Border selection register (MD) [Address 00E5 16]
B
Name
Functions
After reset
R W
Border Selection Register
0
Block 1 OUT output
border selection bit (MD10)
0 : Same output as character output
1 : Border output
Indeterminate
1
2
Block 2 OUT output
border selection bit (MD20)
0 : Same output as character output
1 : Border output
0
0
3
to
7
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
Indeterminate
RW
R—
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com