Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 179Page - Renesas Technology Corp 7220 Datasheet HTML 180Page - Renesas Technology Corp 7220 Datasheet HTML 181Page - Renesas Technology Corp 7220 Datasheet HTML 182Page - Renesas Technology Corp 7220 Datasheet HTML 183Page - Renesas Technology Corp 7220 Datasheet HTML 184Page - Renesas Technology Corp 7220 Datasheet HTML 185Page - Renesas Technology Corp 7220 Datasheet HTML 186Page - Renesas Technology Corp 7220 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
7220 Group User’s Manual
5-10
(2)
When setting multiple interrupts
Various priority processings are executed by enabling multiple interrupts and by setting priorities by
software. For example, to set the priority listed below;
ŒTimer 1 interrupt
VSYNC interrupt
ŽCRT interrupt
execute the following process:
Set only interrupt enable bits (ICON1, ICON2) whose priorities are higher than the current interrupt,
and enable the interrupt disable flag (I) in only the current interrupt processing routine.
Figure 5.1.9 shows the timing when all interrupt request bits (CRT, VSYNC, Timer 1) are “1” at the
same sampling point.
Note: When setting multiple interrupts, be sure to determine priority levels to prevent occurrence of
plural interrupts with the same priority level.
Fig. 5.1.9 Timing when all interrupt request bits are “1” at the same sampling point
CRT interrupt request bit
VSYNC interrupt request bit
Timer 1 interrupt request bit
CRT interrupt processing
VSYNC interrupt processing
Timer 1 interrupt processing
Interrupt disable flag (I)
1
0
1
0
1
0
A
B
1’
1
A’
(series of
)
3
B’
3
(series of
)
3
(series of
)
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com