Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 181Page - Renesas Technology Corp 7220 Datasheet HTML 182Page - Renesas Technology Corp 7220 Datasheet HTML 183Page - Renesas Technology Corp 7220 Datasheet HTML 184Page - Renesas Technology Corp 7220 Datasheet HTML 185Page - Renesas Technology Corp 7220 Datasheet HTML 186Page - Renesas Technology Corp 7220 Datasheet HTML 187Page - Renesas Technology Corp 7220 Datasheet HTML 188Page - Renesas Technology Corp 7220 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
7220 Group User’s Manual
5-12
(4)
VSYNC interrupt processing routine when setting multiple interrupts
Figure 5.1.11 shows the flowchart of VSYNC interrupt processing routine when setting multiple interrupts.
A’ and B’ are the setting routines for multiple interrupts.
Fig. 5.1.11 Flowchart of VSYNC interrupt processing routine (when setting multiple interrupts)
VSYNC interrupt processing routine
RETURN
VSYNC interrupt processing
I
ICON1
ICON2
←ICON1
←ICON2
←“000000012”
←“000000002”
←“0”
V_ICON1
V_ICON2
ICON1 (address 00FE 16)
ICON2 (address 00FF 16)
I
Push registers X, Y, A
ICON1, ICON2:
V_ICON1, V_ICON2 :
A :
X :
Y :
T :
D :
Interrupt control registers 1, 2
Back up RAM for interrupt control
registers 1, 2 during V SYNC interrupt
Accumulator
Index register X
Index register Y
X modified operation mode flag
Decimal operation mode flag
←Disable all interrupts
←“1”
←V_ICON1
←V_ICON2
←Pop ICON 1 and 2 contents
during VSYNC interrupt
←“0”
←“0”
T
D
A’
Set routine for
multiple
interrupts
Pop the registers X, Y, A
Disable
multiple interrupts
←Enable Timer 1 interrupt to
take priority than V SYNC interrupt.
And also, be sure to disable the following interrupts:
-VSYNC interrupt
-all interrupts with lower priority than V SYNC
interrupt.
B’
Enable state of
multiple interrupts
(Timer 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com